Part Number Hot Search : 
APA3010 T37118 LTC34 SRF15200 T476M 5KE18CA IS455 AK4458VN
Product Description
Full Text Search
 

To Download APTGT100DA170D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT100DA170D1
Trench IGBT Power Module
Boost chopper
(R)
VCES = 1700V IC = 100A @ Tc = 80C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Low stray inductance * High level of integration * Kelvin emitter for easy drive * Low stray inductance - M5 power connectors Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat
3
Q2 6 7
1
2
3 4 5 7 6
2
1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage
Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operation Area
TC = 25C Tj = 125C
V W
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-3
APTGT100DA170D1 - Rev 0
200A@1650V
January, 2004
Continuous Collector Current
TC = 25C TC = 80C TC = 25C
Max ratings 1700 200 100 300 20 695
Unit V A
APTGT100DA170D1
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES Zero Gate Voltage Collector Current VCE(on) VGE(th) IGES Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eoff Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, IC = 4mA VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 100A Tj = 125C VGE = VCE , IC = 4 mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 100A RG = 15 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 100A RG = 15 Min
1700
Typ
Max 3 2.4 6.4 200
Unit V mA V V nA
5.2
2.0 2.4 5.8
Dynamic Characteristics
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn Off Energy
Min
Typ 8.5 0.3 250 100 850 120 300 100 1000 200 32
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VF Er Qrr Diode Forward Voltage Reverse Recovery Energy Reverse Recovery Charge
Test Conditions IF = 100A VGE = 0V IF = 100A VR = 900V di/dt =900A/s IF = 100A VR = 900V di/dt =900A/s
Min Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Typ 1.8 1.9 12 25 25 43
Max 2.2
Unit V mJ C
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz Operating junction temperature range Storage Temperature Range Operating Case Temperature For terminals Mounting torque To Heatsink Package Weight IGBT Diode
Min
Typ
Max 0.18 0.3 150 125 125 3.5 5 180
Unit
C/W
3500 -40 -40 -40 2 3
V C N.m g
M5 M6
APT website - http://www.advancedpower.com
2-3
APTGT100DA170D1 - Rev 0
January, 2004
APTGT100DA170D1
Package outline
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
3-3
APTGT100DA170D1 - Rev 0
January, 2004


▲Up To Search▲   

 
Price & Availability of APTGT100DA170D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X